Part Number Hot Search : 
2SD11 4C7V5 X42180 MZ721 47M50 59101 IB050 AR3510
Product Description
Full Text Search
 

To Download MJD31C-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mjd31c 3a , 100v npn plastic encapsulated transistor elektronische bauelemente 21-sep-2012 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 3 emitter collector 2 rohs compliant product a suffix of -c specifies halogen & lead-free features  designed for general  excellent dc current gain characteristics package information package mpq leader size to-252 2.5k 13 inch absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 100 v collector to emitter voltage v ceo 100 v emitter to base voltage v ebo 5 v collector current -continuous i c 3 a collector power dissipation p c 1.25 w junction and storage temperature range t j ,t stg 150 , -55~150 c electrical characteristics (t a =25c unless otherwise noted) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo 100 - - v i c =1ma, i e =0 collector-emitter breakdown voltage v ceo(sus) 100 - - v i c =30ma, i b =0 emitter-base breakdown voltage v (br)ebo 5 - - v i e =1ma, i c =0 collector cut-off current i ces - - 20 a v ce =100v, v eb =0 collector cut-off current i ceo - - 50 a v ce =60v, i b =0 emitter cut-off current i ebo - - 1 ma v eb =5v, i c =0 dc current gain h fe 25 - - v ce =4v, i c =1a 10 - 50 v ce =4v, i c =3a collector-emitter saturation voltage v ce(sat) - - 1.2 v i c =3a, i b =375ma base-emitter voltage v be(on) - - 1.8 v v ce =4v, i c =3a transition frequency f t 3 - - mhz v ce =10v, i c =500ma, f t =1khz note: 1.pulse test: pw Q 300 s, duty cycle Q 2%. a c d n o p g e f h k j m b d-pack (to-252) ref. millimeter ref. millimeter min. max. min. max. a 6. 35 6.8 j 2.30 ref. b 5.20 5.50 k 0. 64 0.90 c 2. 15 2.40 m 0.5 0 1.1 d 0.45 0.58 n 0.9 1. 6 5 e 6.8 7. 5 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.2 5 h 0. 64 1.20


▲Up To Search▲   

 
Price & Availability of MJD31C-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X